Part Number Hot Search : 
PA1151 2SJ609 MMC4007 478M00 RA717 RS2042 SB101 P1300
Product Description
Full Text Search
 

To Download SPP11001J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low-Cost General Purpose Conformal Coated Wirewound Resistor
SPP Series
* Coated or uncoated units * Positive high TC's upon request * Color band standard identification * Lower ranges available - contact factory * Weldable and solderable magnetic leads
Alloy resistance wirewound on fiberglass core Mechanically crimped termination assembly
EIA/MIL color code: first wide band indicates wirewound construction, blue indicator indicates flameproof
Electrical Data
IRC Type SPP-1 SPP-2 SPP-3
Resistance - Std. Tolerance - Std.
0.1 to 1200 5%, 10% 1 watt @ 85C 3/4 watt @ 105C 1/2 watt @ 125C Derating to 0 @ 160C 1 watt @ 85C 10%
0.1 to 2400 5%, 10% 2 watt @ 85C 1 watt @ 140C ----2 watt @ 85C 10%
0.1 to 2400 5%, 10% 3 watt @ 85C 2 watt @ 145C 1 watt @ 190C --3 watt @ 85C 10%
Power Rating
Load Life Stability Max. Continuous Working Voltage Min. Insulation Resistance Min. Dielectric Withstanding Volts Current Noise Temperature Rise at Rated Load, 25C Ambient Temperature Coefficient (RMS) Dry Wet
PR
10,000 Meg 100 Meg 600V Negligible Approx. 150C 600/C 0.10 - 0.91 300/C 1 - 1200
PR
10,000 Meg 100 Meg 600V Negligible Approx. 200C 600/C 0.10 - 0.91 300/C 1 - 2400
PR
10,000 Meg 100 Meg 600V Negligible Approx. 225C 600/C 0.10 - 0.91 300/C 1 - 2400
Notes: Unless specified otherwise, standard test centers are 1 3/4 inches.
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc SPP Series Issue December 2008 Sheet 1 of 3
Low-Cost General Purpose Conformal Coated Wirewound Resistor
Environmental Data
Characteristics SPP-1 Temperature Coefficient (ppm/C) SPP-2 SPP-3 Thermal Shock Low Shock Short Time Overload Commercial Short Time Overload Resistance to Solder Immersion Solderability Moisture Resistance Life Test Test Method Maximum Limits 600/C 300/C 600/C 300/C 600/C 600/C 0.10 - 0.91 1.0 - 1200 0.10 - 0.91 1.0 - 2400 0.10 - 0.91 1.0 - 2400 5% 5% 5% 5% 3% 95% minimum coverage 5% 5% EIA Specification RS-344
Physical Data
A max.
C
B
1.125 min.
Dimensions (Inches and (mm)) IRC Type SPP-1 SPP-2 SPP-3 A 0.400 max. 0.570 max. 0.570 max B 0.148 max. 0.170 max. 0.170 max. C .002 0.032 0.032 0.032
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
SPP Series Issue December 2008 Sheet 2 of 3
Low-Cost General Purpose Conformal Coated Wirewound Resistor
Power Derating Curve
100 Percent Rated Power Temperature Rise (C) 80 60 40 20 0 0 50 100 150 200 250 300 300
Temperature Rise Curve
SPP-3
SPP-3
200
SPP-1, 2
SPP-2
100
SPP-1
0
Ambient Temperature (C) 0 20 40 60 80 100
Percent Rated Power
Ordering Data
Sample Part No. IRC Type Power SPP 1 1001 J
(See Electrical Data chart for other power ratings)
Resistance Value
Expressed in ohms (Standard EIA/MIL values)
Tolerance
J = 5%, K = 10% standard
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
SPP Series Issue December 2008 Sheet 3 of 3


▲Up To Search▲   

 
Price & Availability of SPP11001J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X